Part Number Hot Search : 
TC650CEV SC2411 TSOP1130 EPF6010 HCT1G DS8830N 74ALVC16 ADJ14012
Product Description
Full Text Search
 

To Download 22-01-2105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022012105 Active
KK(R) 2.54mm (.100") Pitch KK(R) Crimp Terminal Housing, Friction Ramp, 10 Circuits, Use with 4809
Documents: 3D Model Drawing (PDF) Product Specification PS-10-07 (PDF)
Product Specification PS-99020-0088 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Overview Product Name Crimp Housings 6471 KK(R) KK(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 10 Natural (White) 94V-0 Female No Yes Nylon 1 Bag No 0.100 In 2.54 mm Yes No 0C to +75C
Search Parts in this Series 6471Series Mates With 2.54mm (.100") Pitch KK(R) Crimp Terminal Housing, Friction Ramp, 10 Circuits, Use with 4809 Use With KK(R) Crimp Terminal Housing 2695 , 6471 , 7880
Electrical
CSA UL LR19880 E29179
Material Info
Old Part Number 6471-101
Reference - Drawing Numbers
Product Specification Sales Drawing PS-10-07, PS-99020-0088 SD-6471-N*-**, SDE-6471-N*-*
This document was generated on 02/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-01-2105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X